PART |
Description |
Maker |
HEDS-9720OPTIONK51 HEDS-9700OPTIONM55 |
SINGLE, 2 CHANNELS, LINEAR OPTICAL POSITION ENCODER SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
|
15-38-8100 15-38-8180 15-38-8070 15-38-8020 15-38- |
Connector Housing; Number of Contacts:10; Pitch Spacing:2.54mm; Number of Rows:1; Gender:Receptacle; Series:C-Grid SL; Connector Body Material:Polyester; Contact Termination:Crimp 10 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 18Ckt 18 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 7Ckt 7 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 2Ckt 2 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 4Ckt 4 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 12Ckt 12 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 13Ckt 13 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 16Ckt 16 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 23Ckt 23 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 20Ckt 20 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 30 SAu 25Ckt 25 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 20Ckt 20 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 13Ckt 13 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 9Ckt 9 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 14Ckt SL FFC/FPC Opt G Female 30 SAu 12Ckt
|
Molex, Inc. MOLEX INC
|
K4H510438B-UC/LA2 K4H510838B-UC/LA2 K4H510438B-UC/ |
8-Bit, 31 kSPS ADC Serial Out, Microprocessor Peripheral/Standalone, Single Channels 8-PDIP 512MB的乙芯片DDR SDRAM内存规格 8-Bit, 31 kSPS ADC Serial Out, Microprocessor Peripheral/Standalone, Single Channels 8-SOIC 8-Bit, 22 kSPS ADC Serial Out, uProcessor Periph./Standalone, Mux option w/SE or differential, 2 Ch. 8-SOIC 8-Bit, 392 kSPS ADC Parallel Out, Microprocessor Peripheral, On-Chip Track-and-Hold, Single Channels 20-SSOP 0 to 70 512Mb B-die DDR SDRAM Specification
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. http://
|
BL8581A |
PWM or Singl-Wire Dimming, 4-Channels WLED Linear Driver
|
SHANGHAI BELLING CO., LTD.
|
PEC12-4220F-S0024 PEC12-2220F-S0024 PEC12-4020F-S0 |
ENCODER SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER ROHS COMPLIANT, COMPACT PACKAGE-3
|
Bourns, Inc. BOURNS INC
|
EMC1152-1-AIZL-TR |
SST Compliant Hardware Monitor with Two Temperature Channels and Five Voltage Channels 海温的硬件显示器温度通道和两个电压通道
|
SMSC, Corp.
|
EMC1133 EMC1133-AIZL-TR |
SST Compliant Hardware Monitor with Three Temperature Channels and Three Voltage Channels
|
SMSC Corporation
|
15-47-4240 15-47-4130 15-47-4174 15-47-4050 15-38- |
SL FFC/FPC Opt A Female 15 SAu 24Ckt 24 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt A Female 15 SAu 13Ckt 13 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt A Female 30 SAu 17Ckt 17 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt A Female 15 SAu 5Ckt SL FFC/FPC Opt A Female Tin 13Ckt
|
Molex, Inc. MOLEX INC
|
15-38-8227 15-47-4151 15-38-8077 15-38-8217 |
SL FFC/FPC Opt C Female Tin 22Ckt 22 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt C Female 15 SAu 15Ckt 15 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt C Female Tin 7Ckt 7 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt C Female Tin 21Ckt
|
Molex, Inc. MOLEX INC
|
14-44-1624 14-44-1612 14-44-1619 14-44-1615 |
SL IDT Opt D Male 26AWG 15 SAu 24Ckt 24 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 26AWG 15 SAu 12Ckt 12 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 26AWG 15 SAu 19Ckt 19 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 26AWG 15 SAu 15Ckt
|
Molex, Inc. MOLEX INC
|
GRAYHILLINC-63TAH-3-3-6-1-2 63TAH-4-1-4-2-1 63TEL- |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
GRAYHILL INC
|
|